Part Number Hot Search : 
KTC5242 GS25E12 ST10F273 PE4074 14B101 2SD601 A52RA 25016
Product Description
Full Text Search
 

To Download RNP-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER SOLUTION - DBL
Lead Free
TO220 20W HIGH POWER RESISTORS
RNP-10
Features and Applications
20W high power resistors in TO220 style molded package for through-hole (20W) and surface mount (10W). Non-inductive design suits high frequency applications and high-speed pulse circuits. Low, 5.9 C/W heat resistance from resistor hot spot to flange is presented by thin film metallization technology. Wide 100 mOhm to 220 Ohm resistance range, non-inductive impedance characteristic and heat venting through the insulated metal tab aid circuit designers. Small size and thin profile suit high-density compact installations. Complete thermal conduction, heat dissipation design and vibration durable design also available. Applications for SW PS, power unit of machines, motor control, drive circuits, automotive, measurements, and industrial computers.
Dimensions (mm)
Type 000 A C D dia. M Type 010 A C D dia. M
B
100 CF 3Y
B K
100 CF 3Y
L
L
K
J G F
E H
N
J G F
H E
N
Type 000 010
A 10.6 10.6
B 15.0 15.0
C 4.5 4.5
D 1.5 1.5
E 2.7 2.7
F 5.08 5.08
G 0.75 0.75
H 0.5 0.5
J 1.5 1.5
K 19.0 14.0
L 2.7 2.7
M 3.6 3.6
N 15.0 2.0
Ordering Information
Designation RNP-10C221F000 RNP-10C221F000 RNP-10C101F010 RNP-10C101F010 RNP-10AR1J000 RNP-10C500F000 Type RNP-10 RNP-10 RNP-10 RNP-10 RNP-10 RNP-10 TC C(50ppm) C(50ppm) C(50ppm) C(50ppm) A(100ppm) C(50ppm) Resistance(1) 220 ohm 220 ohm 100 ohm 100 ohm 0.1 ohm 50 ohm Tolerance F(1%) F(1%) F(1%) F(1%) J(5%) F(1%) Code 000 (through-hole) Z00 (Lead-free, through-hole) 010 (smd) Z10 (Lead-free, smd) 000 (through-hole) 010 (smd)
Note: (1) When order, additional ohmic resistance notation is recommended.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com
POWER SOLUTION - DBL
20W HIGH POWER RESISTORS
Specifications
Items Rating Power Rating Power Heat Resistance Resistance Range Nominal Resistance TCR (ppm/ ) Tolerance Operation Temp. Range Max. Operating Volt. Withstanding Volt. Load Life Humidity Temp. Cycle Soldering Heat Solder ability Insulation Resistance Vibration
Note: At resistance from 220
Lead Free
RNP-10
Test Conditions -55 to 25 C flange temperature Free air. Hot spot to flange 220-51k ohm are available, see Note Include 2.5 and 5.0 -55 to +155 C
Specification-Performance 20 Watt 1 Watt 5.9 C/W 0.01-0.91ohm 0.1-9.1ohm 10-220ohm E6 E24 E24 250(H) 100 (A) 50 (C) 5%(J) 5% (J) +/-1% (F) -55 to+155 500V or P R DC2000 Volt +/-(1.0 %+0.05 ohm) +/- (1.0 %+0.05 ohm) +/- (0.25 %+0.05 ohm) +/- (0.1 %+0.05 ohm) Over 95% of surface Over 1,000 Meg ohm +/- (0.25 %+0.05 ohm)
to 51kohms rating power shall be restricted in 10W.
60 seconds. Actually 2000VAC 25 C, 90 min .ON, 30 min .OFF, 1000 hours. 40C, 90-95%RH, DC 0.1W, 1000 hours. -55 C,30 min.,+155 C,30 min., 5cycles 350+/-5 C, 3seconds, 230+/-5 C, 3seconds. Between terminals and tab.
Derating
Power(W)
Temperature Rise
(C) 140 120 +25C RNP10C500 F
20 15 10 5 +155C 0 -50 0 50 100 150 200
100 80 60 40 20 0
Hot spot temperature on resistor based referenced from flange temperature.
Flange Temperature (C)
0
10
Power (Watt)
20
Pulse Energy Durability
Pulse Peak Watt (Watts), one time rectangular impulse. 10K RNP-10C100F
Frequency Characteristics
Impedance (ohm) 10K RNP-10 C10K0F RNP-10 C1K0F
1K
1K
RNP-10 C101F 100 100 RNP-10 C500F RNP-10 C220F 10 1 10 100 1m 10m 100m Pulse With (seconds) 10 10k
100k
1M
10M
100M
1G
Frequency (Hz)
Note: (1) Insulating material is unnecessary between flange and resistors, flange and resistor is separated by alumina substrate. (2) At surface mount soldering, temperature profile in Flange shall not exceed 220C. (3) Using heat conduction grease on surface of flange is recommended. (4) Heat resistance between resistor and flange is 5.9 C/W. Heat design will be done, as resistor temperature shall be under 155C in operation. (5) 0.1% tolerance resistors and over 220ohm resistance are available, please call factory. 20041001
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


▲Up To Search▲   

 
Price & Availability of RNP-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X